|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INFRA-RED 1. 2. 2.1 2.2 Item No.: 126244 This specification applies to GaAlAs / GaAlAs LED Chips (substrate removed) Structure Mesa structure Electrodes p-side (anode) n-side (cathode) Au alloy Au alloy 3. Outlines (dimensions in microns) p-Electrode p-Epitaxy GaAlAs 365 120 160 typ. Active Layer n-Epitaxy GaAlAs n-Electrode 365 Wire bond contacts can also be square 4. Electrical and optical characteristics (T=25C) Parameter Forward voltage Reverse voltage output Power Switching time Symbol VF VR e tr, tf Conditions IF = 20 mA IR = 10 A IF = 20 mA IF = 50 mA IF = 20 mA min 5 2,6 6,5 typ 1,30 3,0 7,5 20 870 max 1,50 Unit V V mW ns nm Peak wavelength P IF = 20 mA Power measurement at OSA on gold plate 5. Packing Dice on adhesive film with 1) wire bond side on top 2) back contact on top 6. Labeling Type Lot No. e typ min max Quantity (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com |
Price & Availability of 126244 |